Part Number Hot Search : 
IC16F6 2SD18 2SB17 2SB828 SF205 UCN5842 AM6922NH 0176FN
Product Description
Full Text Search
 

To Download C0402C2294GAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type C Multilayer Ceramic Chip Capacitors
Surface Mount Chip Capacitors
Type C surface mount multilayer chip capacitors are available on tape and reel in COG (NPO), X7R, Z5U and Y5V temperature coefficients. Five standard sizes (0402, 0603, 0805, 1206, and 1210) are available in most of the temperature coefficients - 0603 is not available in Z5U.
Highlights
* * * * Nickel barrier/solder terminations 50 Vdc units can be used in 63 Vdc applications Tape and reel standard Surface Mount
Specifications
Capacitance Range: COG 0.5 pF X7R 150 pF Z5U 6800 pF Y5V 0.022 F Voltage Range: COG X7R Z5U Y5V Standard Sizes: to to to to 0.012 F 0.33 F 0.47 F 2.2 F
RoHS Compliant
10, 16, 25, 50, 100, 200 Vdc 10, 16, 25, 50, 100, 200 Vdc 50, 100 Vdc 10, 16, 25, 50 Vdc 0402, 0603, 0805, 1206, 1210 (0603 not available in Z5U)
Parts with ^ (caret) following the part number are 2,500 pieces per reel. Parts with # following the part number are 10,000 pieces per reel. 13" reels are available by special request - contact the factory.
Tape & Reel: 7" reel per EIA RS 481-1
Outline Drawing
Dimensions - Millimeters (Inches) Size Code L Length W Width T Max. Thickness B Bandwidth 0.20(.008) Minimum
402 1.0(.040) 0.05(.002) 0.50(.020) 0.05(.002) 0.55(.022)
603 1.6(.063) 0.15(.006) 0.80(.032) 0.15(.006) 0.90(.035) 0.35(.014) 0.15(.006) 805 2.0(.079) 0.20(.008) 1.25(.049) 0.20(.008) 1.30(.051) 0.50(.020) 0.25(.010) 1206 3.2(.126) 0.20(.008) 1.60(.063) 0.20(.008) 1.50(.059) 0.50(.020) 0.25(.010) 1210 3.2(.126) 0.20(.008) 2.50(.098) 0.20(.008) 1.70(.067) 0.50(.020) 0.25(.010)
Z5U meets all Y5V requirements and can be used in its place Y5V - +22/-82% over -30 C to +85 C Z5U - +22/ -56% over +10C to +85C
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors Performance Characteristics
Parameter
Temperature Characteristics: Range C Cap change without DC voltage Aging Rate: % C / Decade Hour, Max. Dissipation Factor: Test conditions @ 25 C Limits: Insulation Resistance (IR): After 2 min. electrification @ 25 C with rated voltage applied: 1000 megohms x F or 100 gigaohms Moisture Resistance: MIL-STD-202 Method 106 (20 cycles w / 50 V applied) Post test limits @ 25 C, whichever is smaller 100 megohms x F or 10 gigaohms Immersion Cycling: MIL-STD-202, Method 104, Condition B (2 cycles @ 15 minutes each. Each cycle consists of immersion in hot bath @ 65 C followed by immersion in cold salt water bath.) Post test limits @ 25 C Insulation Resistance, whichever is smaller.. Life Test: 1000 Hrs Test Potential and Temperature Post test limits @ 25 C Capacitance Change, whichever is greater Dissipation Factor Insulation Resistance, whichever is smaller.. < 2% or 0.5 pF 0.25% Max. 100 megohms x F or 10 gigaohms * 60 PPM/ C below 10 pF nominal +53 PPM -30 PPM/C from +25 C to -55 C comparable to MIL-C-20 15% of initial value** 30% of initial value** 30% of initial value** 0.25% Max. 100 megohms x F or 10 gigaohms 5.0% Max. 100 megohms x F or 1 gigaohm 7.0% Max. 10 megohms x F or 1,000 megohms 200% V @ 125 C 200% V @ 125 C 150% V @ 85 C 200% V @ 85 C 100 megohms x F or 10 gigaohms 100 megohms x F 1000 megohms x F or 10 gigaohms or 1 gigaohm 10 megohms x F or 1,000 megohms 100 megohms x F 1000 megohms x F or 10 gigaohms or 1 gigaohm 10 megohms x F or 1,000 megohms 1000 megohms x F 1000 megohms x F or 100 gigaohms or 10 gigaohms 500 megohms x F or 10,000 megohms >100 pF w/ 1.0 vrms @ 1 kHz w/ 1.0 vrms @ 1 kHz w/ 0.5 vrms @ 1 kHz w/ 1.0 vrms @ 1 kHz 100 pF w/ 1.0 vrms @ 1 MHz 0.10% Max. 2.5% Max. 4.0% Max. 7.0% Max. -55 C to +125 C 030 PPM/C 0% -55 C to +125 C 15% 2.5% +10 C to +85 C +22%, -56% 5.0% -30 C to +85 C +22%, -82% 3.5% 0603; 7.0% 0805
RoHS Compliant
X7R Z5U Y5V
COG (NPO)
Dielectric Strength 2.5 times rated voltage for 5 seconds with current limited to 50 mA **X7R and Z5U dielectrics exhibit aging characteristics; therefore, it is highly recommended that capacitors be de-aged for 2 hours at +150 C and stabilized at room temperature for 48 hours before capacitor measurements are made.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
COG (NPO) Temperature Coefficient
Cap
.50 pF .75 pF 1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.7 pF 3.3 pF 3.9 pF 4.7 pF 5.6 pF 6.8 pF 8.2 pF 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF
RoHS Compliant
10 Vdc Catalog Part Number 0402 Size Code 16 Vdc 25 Vdc 50 Vdc
C0402C508*8GAC# C0402C508*4GAC# C0402C508*3GAC# C0402C508*5GAC# C0402C758*8GAC# C0402C758*4GAC# C0402C758*3GAC# C0402C758*5GAC# C0402C109*8GAC# C0402C109*4GAC# C0402C109*3GAC# C0402C109*5GAC# C0402C129*8GAC# C0402C129*4GAC# C0402C129*3GAC# C0402C129*5GAC# C0402C159*8GAC# C0402C159*4GAC# C0402C159*3GAC# C0402C159*5GAC# C0402C189*8GAC# C0402C189*4GAC# C0402C189*3GAC# C0402C189*5GAC# C0402C229*8GAC# C0402C229*4GAC# C0402C229*3GAC# C0402C229*5GAC# C0402C279*8GAC# C0402C279*4GAC# C0402C279*3GAC# C0402C279*5GAC# C0402C339*8GAC# C0402C339*4GAC# C0402C339*3GAC# C0402C339*5GAC# C0402C399*8GAC# C0402C399*4GAC# C0402C399*3GAC# C0402C399*5GAC# C0402C479*8GAC# C0402C479*4GAC# C0402C479*3GAC# C0402C479*5GAC# C0402C569*8GAC# C0402C569*4GAC# C0402C569*3GAC# C0402C569*5GAC# C0402C689*8GAC# C0402C689*4GAC# C0402C689*3GAC# C0402C689*5GAC# C0402C829*8GAC# C0402C829*4GAC# C0402C829*3GAC# C0402C829*5GAC# C0402C100*8GAC# C0402C100*4GAC# C0402C100*3GAC# C0402C100*5GAC# C0402C120*8GAC# C0402C120*4GAC# C0402C120*3GAC# C0402C120*5GAC# C0402C150*8GAC# C0402C150*4GAC# C0402C150*3GAC# C0402C150*5GAC# C0402C180*8GAC# C0402C180*4GAC# C0402C180*3GAC# C0402C180*5GAC# C0402C220*8GAC# C0402C220*4GAC# C0402C220*3GAC# C0402C220*5GAC# C0402C270*8GAC# C0402C270*4GAC# C0402C270*3GAC# C0402C270*5GAC# C0402C330*8GAC# C0402C330*4GAC# C0402C330*3GAC# C0402C330*5GAC# C0402C390*8GAC# C0402C390*4GAC# C0402C390*3GAC# C0402C390*5GAC# C0402C470*8GAC# C0402C470*4GAC# C0402C470*3GAC# C0402C470*5GAC# C0402C560*8GAC# C0402C560*4GAC# C0402C560*3GAC# C0402C560*5GAC# C0402C680*8GAC# C0402C680*4GAC# C0402C680*3GAC# C0402C680*5GAC# C0402C820*8GAC# C0402C820*4GAC# C0402C820*3GAC# C0402C101*8GAC# C0402C101*4GAC# C0402C101*3GAC#
* Insert proper letter code for desired tolerance:
Other Available tolerances: Values less than 27 pF: C = 0.25 pF, D = 0.5 pF Values greater than 10 pF: F = 1%; G = 2%; H = 2.5% J = 5%; K = 10%; M = 20%
0.25 pF (C) is standard on values less than 10 pF 5% (J) is standard on values 10 pF
^ Parts with caret (^) following catalog number are 2.500 pcs per reel # Parts with (#) following catalog number are 10,000 pieces per reel. All others are 4,000 pcs per reel
Cap
Catalog Part Number 0603 Size Code COG (NPO) 50 Vdc 100 Vdc 200 Vdc
Cap
Catalog Part Number 0603 Size Code COG (NPO) 50 Vdc 100 Vdc 200 Vdc
.50 pF C0603C508*5GAC .75 pF C0603C758*5GAC 1.0 pF C0603C109*5GAC C0603C109*1GAC C0603C109*2GAC 1.2 pF C0603C129*5GAC C0603C129*1GAC C0603C129*2GAC 1.5 pF C0603C159*5GAC C0603C159*1GAC C0603C159*2GAC 1.8 pF C0603C189*5GAC C0603C189*1GAC C0603C189*2GAC 2.2 pF C0603C229*5GAC C0603C229*1GAC C0603C229*2GAC 2.7 pF C0603C279*5GAC C0603C279*1GAC C0603C279*2GAC 3.3 pF C0603C339*5GAC C0603C339*1GAC C0603C339*2GAC 3.9 pF C0603C399*5GAC C0603C399*1GAC C0603C399*2GAC 4.7 pF C0603C479*5GAC C0603C479*1GAC C0603C479*2GAC 5.6 pF C0603C569*5GAC C0603C569*1GAC C0603C569*2GAC 6.8 pF C0603C689*5GAC C0603C689*1GAC C0603C689*2GAC 8.2 pF C0603C829*5GAC C0603C829*1GAC C0603C829*2GAC 10 pF C0603C100*5GAC C0603C100*1GAC C0603C100*2GAC
12 pF C0603C120*5GAC C0603C120*1GAC C0603C120*2GAC 15 pF C0603C150*5GAC C0603C150*1GAC C0603C150*2GAC 18 pF C0603C180*5GAC C0603C180*1GAC C0603C180*2GAC 22 pF C0603C220*5GAC C0603C220*1GAC C0603C220*2GAC 27 pF C0603C270*5GAC C0603C270*1GAC C0603C270*2GAC 33 pF C0603C330*5GAC C0603C330*1GAC C0603C330*2GAC 39 pF C0603C390*5GAC C0603C390*1GAC C0603C390*2GAC 47 pF C0603C470*5GAC C0603C470*1GAC C0603C470*2GAC 56 pF C0603C560*5GAC C0603C560*1GAC C0603C560*2GAC 68 pF C0603C680*5GAC C0603C680*1GAC C0603C680*2GAC 82 pF C0603C820*5GAC C0603C820*1GAC C0603C820*2GAC 100 pF C0603C101*5GAC C0603C101*1GAC 120 pF C0603C121*5GAC C0603C121*1GAC 150 pF C0603C151*5GAC C0603C151*1GAC 180 pF C0603C181*5GAC C0603C181*1GAC 220 pF C0603C221*5GAC
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
COG (NPO) Temperature Coefficient
Cap Catalog Part Number 0805 Size Code 50 Vdc 100 Vdc 200 Vdc
C0805C109*2GAC C0805C129*2GAC C0805C159*2GAC C0805C189*2GAC C0805C229*2GAC C0805C279*2GAC C0805C339*2GAC C0805C399*2GAC C0805C479*2GAC C0805C569*2GAC C0805C689*2GAC C0805C829*2GAC C0805C100*2GAC C0805C120*2GAC C0805C150*2GAC C0805C180*2GAC C0805C220*2GAC C0805C270*2GAC C0805C330*2GAC C0805C390*2GAC C0805C470*2GAC C0805C560*2GAC C0805C680*2GAC C0805C820*2GAC C0805C101*2GAC C0805C121*2GAC C0805C151*2GAC C0805C181*2GAC C0805C221*2GAC
RoHS Compliant
Cap
1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.7 pF 3.3 pF 3.9 pF 4.7 pF 5.6 pF 6.8 pF 8.2 pF 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF
Catalog Part Number 1206 Size Code 50 Vdc 100 Vdc 200 Vdc
C1206C109*2GAC C1206C129*2GAC C1206C159*2GAC C1206C189*2GAC C1206C229*2GAC C1206C279*2GAC C1206C339*2GAC C1206C399*2GAC C1206C479*2GAC C1206C569*2GAC C1206C689*2GAC C1206C829*2GAC C1206C100*2GAC C1206C120*2GAC C1206C150*2GAC C1206C180*2GAC C1206C220*2GAC C1206C270*2GAC C1206C330*2GAC C1206C390*2GAC C1206C470*2GAC C1206C560*2GAC C1206C680*2GAC C1206C820*2GAC C1206C101*2GAC C1206C121*2GAC C1206C151*2GAC C1206C181*2GAC C1206C221*2GAC C1206C271*2GAC C1206C331*2GAC C1206C391*2GAC C1206C471*2GAC C1206C561*2GAC C1206C681*2GAC C1206C821*2GAC C1206C109*5GAC C1206C109*1GAC C1206C129*5GAC C1206C129*1GAC C1206C159*5GAC C1206C159*1GAC C1206C189*5GAC C1206C189*1GAC C1206C229*5GAC C1206C229*1GAC C1206C279*5GAC C1206C279*1GAC C1206C339*5GAC C1206C339*1GAC C1206C399*5GAC C1206C399*1GAC C1206C479*5GAC C1206C479*1GAC C1206C569*5GAC C1206C569*1GAC C1206C689*5GAC C1206C689*1GAC C1206C829*5GAC C1206C829*1GAC C1206C100*5GAC C1206C100*1GAC C1206C120*5GAC C1206C120*1GAC C1206C150*5GAC C1206C150*1GAC C1206C180*5GAC C1206C180*1GAC C1206C220*5GAC C1206C220*1GAC C1206C270*5GAC C1206C270*1GAC C1206C330*5GAC C1206C330*1GAC C1206C390*5GAC C1206C390*1GAC C1206C470*5GAC C1206C470*1GAC C1206C560*5GAC C1206C560*1GAC C1206C680*5GAC C1206C680*1GAC C1206C820*5GAC C1206C820*1GAC C1206C101*5GAC C1206C101*1GAC C1206C121*5GAC C1206C121*1GAC C1206C151*5GAC C1206C151*1GAC C1206C181*5GAC C1206C181*1GAC C1206C221*5GAC C1206C221*1GAC C1206C271*5GAC C1206C271*1GAC C1206C331*5GAC C1206C331*1GAC C1206C391*5GAC C1206C391*1GAC C1206C471*5GAC C1206C471*1GAC C1206C561*5GAC C1206C561*1GAC C1206C681*5GAC C1206C681*1GAC C1206C821*5GAC C1206C821*1GAC
1.0 pF C0805C109*5GAC C0805C109*1GAC 1.2 pF C0805C129*5GAC C0805C129*1GAC 1.5 pF C0805C159*5GAC C0805C159*1GAC 1.8 pF C0805C189*5GAC C0805C189*1GAC 2.2 pF C0805C229*5GAC C0805C229*1GAC 2.7 pF C0805C279*5GAC C0805C279*1GAC 3.3 pF C0805C339*5GAC C0805C339*1GAC 3.9 pF C0805C399*5GAC C0805C399*1GAC 4.7 pF C0805C479*5GAC C0805C479*1GAC 5.6 pF C0805C569*5GAC C0805C569*1GAC 6.8 pF C0805C689*5GAC C0805C689*1GAC 8.2 pF C0805C829*5GAC C0805C829*1GAC 10 pF C0805C100*5GAC C0805C100*1GAC 12 pF C0805C120*5GAC C0805C120*1GAC 15 pF C0805C150*5GAC C0805C150*1GAC 18 pF C0805C180*5GAC C0805C180*1GAC 22 pF C0805C220*5GAC C0805C220*1GAC 27 pF C0805C270*5GAC C0805C270*1GAC 33 pF C0805C330*5GAC C0805C330*1GAC 39 pF C0805C390*5GAC C0805C390*1GAC 47 pF C0805C470*5GAC C0805C470*1GAC 56 pF C0805C560*5GAC C0805C560*1GAC 68 pF C0805C680*5GAC C0805C680*1GAC 82 pF C0805C820*5GAC C0805C820*1GAC 100 pF C0805C101*5GAC C0805C101*1GAC 120 pF C0805C121*5GAC C0805C121*1GAC 150 pF C0805C151*5GAC C0805C151*1GAC 180 pF C0805C181*5GAC C0805C181*1GAC 220 pF C0805C221*5GAC C0805C221*1GAC
270 pF C0805C271*5GAC C0805C271*1GAC C0805C271*2GAC ^ 330 pF C0805C331*5GAC C0805C331*1GAC C0805C331*2GAC ^ 390 pF C0805C391*5GAC C0805C391*1GAC C0805C391*2GAC ^ 470 pF C0805C471*5GAC C0805C471*1GAC C0805C471*2GAC ^ 560 pF C0805C561*5GAC C0805C561*1GAC 680 pF C0805C681*5GAC C0805C681*1GAC ^ 820 pF C0805C821*5GAC C0805C821*1GAC ^ 1000 pF C0805C102*5GAC C0805C102*1GAC ^ 1200 pF C0805C122*5GAC 1500 pF C0805C152*5GAC 1800 pF C0805C182*5GAC
C1206C102*5GAC C1206C102*1GAC C1206C102*2GAC ^ C1206C122*5GAC C1206C122*1GAC C1206C122*2GAC ^ C1206C152*5GAC C1206C152*1GAC C1206C152*2GAC ^ C1206C182*5GAC C1206C182*1GAC C1206C182*2GAC ^ C1206C222*5GAC C1206C222*1GAC ^ C1206C272*5GAC C1206C272*1GAC ^ C1206C332*5GAC C1206C332*1GAC ^ C1206C392*5GAC C1206C392*1GAC ^ C1206C472*5GAC
* Insert proper letter code for desired tolerance:
Other Available tolerances: Values less than 27 pF: C = 0.25 pF, D = 0.5 pF Values greater than 10 pF: F = 1%; G = 2%; H = 2.5% J = 5%; K = 10%; M = 20%
0.25 pF (C) is standard on values less than 10 pF 5% (J) is standard on values 10 pF
^ Parts with caret (^) following catalog number are 2.500 pcs per reel All others are 4,000 pcs per reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
COG (NPO) Temperature Coefficient
Cap
10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF
RoHS Compliant
Catalog Part Number 1210 Size Code 50 Vdc 100 Vdc 200 Vdc Cap
390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF
Catalog Part Number 1210 Size Code 50 Vdc 100 Vdc 200 Vdc
C1210C391*5GAC C1210C471*5GAC C1210C561*5GAC C1210C681*5GAC C1210C821*5GAC C1210C102*5GAC C1210C122*5GAC C1210C152*5GAC C1210C182*5GAC C1210C222*5GAC C1210C272*5GAC C1210C332*5GAC C1210C392*5GAC C1210C391*1GAC C1210C471*1GAC C1210C561*1GAC C1210C681*1GAC C1210C821*1GAC C1210C102*1GAC C1210C122*1GAC C1210C152*1GAC C1210C182*1GAC C1210C222*1GAC C1210C272*1GAC C1210C332*1GAC C1210C392*1GAC ^ C1210C391*2GAC C1210C471*2GAC C1210C561*2GAC C1210C681*2GAC C1210C821*2GAC C1210C102*2GAC C1210C122*2GAC C1210C152*2GAC C1210C182*2GAC C1210C222*2GAC ^ C1210C272*2GAC ^ C1210C332*2GAC ^
C1210C100*5GAC C1210C120*5GAC C1210C150*5GAC C1210C180*5GAC C1210C220*5GAC C1210C270*5GAC C1210C330*5GAC C1210C390*5GAC C1210C470*5GAC C1210C560*5GAC C1210C680*5GAC C1210C820*5GAC C1210C101*5GAC C1210C121*5GAC C1210C151*5GAC C1210C181*5GAC C1210C221*5GAC C1210C271*5GAC
C1210C100*1GAC C1210C120*1GAC C1210C150*1GAC C1210C180*1GAC C1210C220*1GAC C1210C270*1GAC C1210C330*1GAC C1210C390*1GAC C1210C470*1GAC C1210C560*1GAC C1210C680*1GAC C1210C820*1GAC C1210C101*1GAC C1210C121*1GAC C1210C151*1GAC C1210C181*1GAC C1210C221*1GAC C1210C271*1GAC
C1210C100*2GAC C1210C120*2GAC C1210C150*2GAC C1210C180*2GAC C1210C220*2GAC C1210C270*2GAC C1210C330*2GAC C1210C390*2GAC C1210C470*2GAC C1210C560*2GAC C1210C680*2GAC C1210C820*2GAC C1210C101*2GAC C1210C121*2GAC C1210C151*2GAC C1210C181*2GAC C1210C221*2GAC C1210C271*2GAC
C1210C472*5GAC ^ C1210C472*1GAC ^ C1210C562*5GAC ^ C1210C562*1GAC ^ C1210C682*5GAC ^ C1210C682*1GAC ^ C1210C822*5GAC ^
10000 pF C1210C103*5GAC ^
X7R Temperature Coefficient
Cap 10 Vdc Catalog Part Number 0402 Size Code 16 Vdc 25 Vdc 50 Vdc
150 pF C0402C151*8RAC# C0402C151*4RAC# C0402C151*3RAC# C0402C151*5RAC# 180 pF C0402C181*8RAC# C0402C181*4RAC# C0402C181*3RAC# C0402C181*5RAC# 220 pF C0402C221*8RAC# C0402C221*4RAC# C0402C221*3RAC# C0402C221*5RAC# 270 pF C0402C271*8RAC# C0402C271*4RAC# C0402C271*3RAC# C0402C271*5RAC# 330 pF C0402C331*8RAC# C0402C331*4RAC# C0402C331*3RAC# C0402C331*5RAC# 390 pF C0402C391*8RAC# C0402C391*4RAC# C0402C391*3RAC# C0402C391*5RAC# 470 pF C0402C471*8RAC# C0402C471*4RAC# C0402C471*3RAC# C0402C471*5RAC# 560 pF C0402C561*8RAC# C0402C561*4RAC# C0402C561*3RAC# C0402C561*5RAC# 680 pF C0402C681*8RAC# C0402C681*4RAC# C0402C681*3RAC# C0402C681*5RAC# 820 pF C0402C821*8RAC# C0402C821*4RAC# C0402C821*3RAC# C0402C821*5RAC# 1000 pF C0402C102*8RAC# C0402C102*4RAC# C0602C102*3RAC# C0602C102*5RAC# 1200 pF C0402C122*8RAC# C0402C122*4RAC# C0402C122*3RAC# C0402C122*5RAC# 1500 pF C0402C152*8RAC# C0402C152*4RAC# C0402C152*3RAC# C0402C152*5RAC# 1800 pF C0402C182*8RAC# C0402C182*4RAC# C0402C182*3RAC# 2200 pF C0402C222*8RAC# C0402C222*4RAC# C0402C222*3RAC# 2700 pF C0402C272*8RAC# C0402C272*4RAC# C0402C272*3RAC# 3300 pF C0402C332*8RAC# C0402C332*4RAC# C0402C332*3RAC# 3900 pF C0402C392*8RAC# C0402C392*4RAC# C0402C392*3RAC# 4700 pF C0402C472*8RAC# C0402C472*4RAC# C0402C472*3RAC#
* Insert proper letter code for desired tolerance:
Other Available tolerances: Values less than 27 pF: C = 0.25 pF, D = 0.5 pF Values greater than 10 pF: F = 1%; G = 2%; H = 2.5% J = 5%; K = 10%; M = 20%
0.25 pF (C) is standard on values less than 10 pF 5% (J) is standard on values 10 pF
^ Parts with caret (^) following catalog number are 2.500 pcs per reel # Parts with (#) following catalog number are 10,000 pieces per reel. All others are 4,000 pcs per reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
X7R Temperature Coefficient
Cap
180 pF 220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF
RoHS Compliant
Catalog Part Number 0603 Size Code Cap
220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF
Catalog Part Number 0805 Size Code 50 Vdc C0805C221*5RAC C0805C271*5RAC C0805C331*5RAC C0805C391*5RAC C0805C471*5RAC C0805C561*5RAC C0805C681*5RAC C0805C821*5RAC C0805C102*5RAC C0805C122*5RAC 100 Vdc 200 Vdc
C0805C221*1RAC C0805C221*2RAC C0805C271*1RAC C0805C271*2RAC C0805C331*1RAC C0805C331*2RAC C0805C391*1RAC C0805C391*2RAC C0805C471*1RAC C0805C471*2RAC C0805C561*1RAC C0805C561*2RAC C0805C681*1RAC C0805C681*2RAC C0805C821*1RAC C0805C821*2RAC C0805C102*1RAC C0805C102*2RAC C0805C122*1RAC C0805C122*2RAC
50 Vdc C0603C181*5RAC C0603C221*5RAC C0603C271*5RAC C0603C331*5RAC C0603C391*5RAC C0603C471*5RAC C0603C561*5RAC C0603C681*5RAC C0603C821*5RAC C0603C102*5RAC
100 Vdc C0603C181*1RAC C0603C221*1RAC C0603C271*1RAC C0603C331*1RAC C0603C391*1RAC C0603C471*1RAC C0603C561*1RAC C0603C681*1RAC C0603C821*1RAC C0603C102*1RAC
200 Vdc C0603C181*2RAC C0603C221*2RAC C0603C271*2RAC C0603C331*2RAC C0603C391*2RAC C0603C471*2RAC C0603C561*2RAC C0603C681*2RAC C0603C821*2RAC C0603C102*2RAC
1200 pF C0603C122*5RAC C0603C122*1RAC 1500 pF C0603C152*5RAC C0603C152*1RAC 1800 pF C0603C182*5RAC C0603C182*1RAC 2200 pF C0603C222*5RAC C0603C222*1RAC 2700 pF C0603C272*5RAC C0603C272*1RAC 3300 pF C0603C332*5RAC C0603C332*1RAC 3900 pF C0603C392*5RAC C0603C392*1RAC 4700 pF C0603C472*5RAC C0603C472*1RAC 5600 pF C0603C562*5RAC 6800 pF C0603C682*5RAC 8200 pF C0603C822*5RAC 10000 pF C0603C103*5RAC 12000 pF C0603C123*5RAC 15000 pF C0603C153*5RAC 18000 pF C0603C183*5RAC
1500 pF C0805C152*5RAC C0805C152*1RAC C0805C152*2RAC 1800 pF C0805C182*5RAC C0805C182*1RAC C0805C182*2RAC 2200 pF C0805C222*5RAC C0805C222*1RAC C0805C222*2RAC 2700 pF C0805C272*5RAC C0805C272*1RAC C0805C272*2RAC 3300 pF C0805C332*5RAC C0805C332*1RAC C0805C332*2RAC 3900 pF C0805C392*5RAC C0805C392*1RAC C0805C392*2RAC 4700 pF C0805C472*5RAC C0805C472*1RAC C0805C472*2RAC 5600 pF C0805C562*5RAC C0805C562*1RAC C0805C562*2RAC 6800 pF C0805C682*5RAC C0805C682*1RAC C0805C682*2RAC 8200 pF C0805C822*5RAC C0805C822*1RAC 10000 pF C0805C103*5RAC C0805C103*1RAC 12000 pF C0805C123*5RAC 15000 pF C0805C153*5RAC 18000 pF C0805C183*5RAC 22000 pF C0805C223*5RAC 27000 pF C0805C273*5RAC 33000 pF C0805C333*5RAC 39000 pF C0805C393*5RAC 47000 pF C0805C473*5RAC 56000 pF C0805C563*5RAC 68000 pF C0805C683*5RAC 82000 pF C0805C823*5RAC .1 uF C0805C104*5RAC
* Insert proper letter code for desired tolerance:
10% (K) is standard 5% (J) ; 20% (M) ^ Parts with caret (^) following catalog number are 2.500 pcs per reel # Parts with (#) following catalog number are 10,000 pieces per reel. All others are 4,000 pcs per reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
X7R Temperature Coefficient
Cap
1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF 10000 pF 12000 pF 15000 pF 18000 pF 22000 pF 27000 pF 33000 pF 39000 pF 47000 pF 56000 pF 68000 pF 82000 pF .1 uF
RoHS Compliant
Catalog Part Number 1206 Size Code 50 Vdc 100 Vdc 200 Vdc Cap
2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF 10000 pF 12000 pF 15000 pF 18000 pF 22000 pF 27000 pF 33000 pF 39000 pF 47000 pF 56000 pF 68000 pF 82000 pF .1 uF .12 uF .15 uF .18 uF
Catalog Part Number 1210 Size Code 50 Vdc 100 Vdc 200 Vdc
C1210C222*5RAC C1210C222*1RAC C1210C222*2RAC C1210C272*5RAC C1210C272*1RAC C1210C272*2RAC C1210C332*5RAC C1210C332*1RAC C1210C332*2RAC C1210C392*5RAC C1210C392*1RAC C1210C392*2RAC C1210C472*5RAC C1210C472*1RAC C1210C472*2RAC C1210C562*5RAC C1210C562*1RAC C1210C562*2RAC C1210C682*5RAC C1210C682*1RAC C1210C682*2RAC C1210C822*5RAC C1210C822*1RAC C1210C822*2RAC C1210C103*5RAC C1210C103*1RAC C1210C103*2RAC C1210C123*5RAC C1210C123*1RAC C1210C123*2RAC C1210C153*5RAC C1210C153*1RAC C1210C153*2RAC C1210C183*5RAC C1210C183*1RAC C1210C183*2RAC C1210C223*5RAC C1210C223*1RAC C1210C223*2RAC C1210C273*5RAC C1210C273*1RAC C1210C273*2RAC C1210C333*5RAC C1210C333*1RAC C1210C333*2RAC C1210C393*5RAC C1210C393*1RAC C1210C393*2RAC C1210C473*5RAC C1210C473*1RAC C1210C473*2RAC C1210C563*5RAC C1210C563*1RAC C1210C683*5RAC C1210C683*1RAC C1210C823*5RAC C1210C823*1RAC C1210C104*5RAC C1210C104*1RAC C1210C124*5RAC C1210C154*5RAC C1210C184*5RAC
C1206C102*5RAC C1206C102*1RAC C1206C102*2RAC C1206C122*5RAC C1206C122*1RAC C1206C122*2RAC C1206C152*5RAC C1206C152*1RAC C1206C152*2RAC C1206C182*5RAC C1206C182*1RAC C1206C182*2RAC C1206C222*5RAC C1206C222*1RAC C1206C222*2RAC C1206C272*5RAC C1206C272*1RAC C1206C272*2RAC C1206C332*5RAC C1206C332*1RAC C1206C332*2RAC C1206C392*5RAC C1206C392*1RAC C1206C392*2RAC C1206C472*5RAC C1206C472*1RAC C1206C472*2RAC C1206C562*5RAC C1206C562*1RAC C1206C562*2RAC C1206C682*5RAC C1206C682*1RAC C1206C682*2RAC C1206C822*5RAC C1206C822*1RAC C1206C822*2RAC C1206C103*5RAC C1206C103*1RAC C1206C103*2RAC C1206C123*5RAC C1206C123*1RAC C1206C123*2RAC C1206C153*5RAC C1206C153*1RAC C1206C153*2RAC C1206C183*5RAC C1206C183*1RAC C1206C183*2RAC C1206C223*5RAC C1206C223*1RAC C1206C223*2RAC C1206C273*5RAC C1206C273*1RAC C1206C333*5RAC C1206C333*1RAC C1206C393*5RAC C1206C393*1RAC C1206C473*5RAC C1206C473*1RAC C1206C563*5RAC C1206C683*5RAC C1206C823*5RAC C1206C104*5RAC
.22 uF C1210C224*5RAC ^ .27 uF C1210C274*5RAC ^ .33 uF C1210C334*5RAC ^
.12 uF C1206C124*5RAC ^ .15 uF C1206C154*5RAC ^ .18 uF C1206C184*5RAC ^ .22 uF C1206C224*5RAC ^
* Insert proper letter code for desired tolerance:
10% (K) is standard 5% (J); 20% (M) ^ Parts with caret (^) following catalog number are 2.500 pcs per reel All others are 4,000 pcs per reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
Z5U Temperature Coefficient
Cap Catalog Part Number 0805 Size Code 50 Vdc 100 Vdc 200 Vdc Cap Catalog Part Number 1210 Size Code 50 Vdc 100 Vdc 200 Vdc
RoHS Compliant
6800 pF C0805C682*5UAC C0805C682*1UAC 8200 pF C0805C822*5UAC C0805C822*1UAC 10000 pF C0805C103*5UAC C0805C103*1UAC 12000 pF C0805C123*5UAC 15000 pF C0805C153*5UAC 18000 pF C0805C183*5UAC 22000 pF C0805C223*5UAC 27000 pF C0805C273*5UAC 33000 pF C0805C333*5UAC 39000 pF C0805C393*5UAC 47000 pF C0805C473*5UAC 56000 pF C0805C563*5UAC 68000 pF C0805C683*5UAC 82000 pF C0805C823*5UAC .1 uF C0805C104*5UAC
47000 pF C1210C473*5UAC C1210C473*1UAC 56000 pF C1210C563*5UAC C1210C563*1UAC 68000 pF C1210C683*5UAC C1210C683*1UAC 82000 pF C1210C823*5UAC C1210C823*1UAC .1 uF .15 uF .18 uF .22 uF .27 uF .33 uF .39 uF .47 uF C1210C104*5UAC C1210C154*5UAC C1210C184*5UAC C1210C224*5UAC C1210C274*5UAC C1210C334*5UAC C1210C394*5UAC C1210C474*5UAC
* Insert proper letter code for desired tolerance:
20% (M) is standard Z = +80% -0%
Cap
Catalog Part Number 1206 Size Code 50 Vdc 100 Vdc 200 Vdc
10000 pF C1206C103*5UAC C1206C103*1UAC 12000 pF C1206C123*5UAC C1206C123*1UAC 15000 pF C1206C153*5UAC C1206C153*1UAC 18000 pF C1206C183*5UAC C1206C183*1UAC 22000 pF C1206C223*5UAC C1206C223*1UAC 27000 pF C1206C273*5UAC C1206C273*1UAC 33000 pF C1206C333*5UAC C1206C333*1UAC 39000 pF C1206C393*5UAC C1206C393*1UAC 47000 pF C1206C473*5UAC 56000 pF C1206C563*5UAC 68000 pF C1206C683*5UAC 82000 pF C1206C823*5UAC .1 uF .12 uF .15 uF .18 uF .22 uF C1206C104*5UAC C1206C124*5UAC C1206C154*5UAC C1206C184*5UAC C1206C224*5UAC
50 volt units can be used for 63 volt applications
Z5U meets all Y5V requirements and can be used in its place Y5V - +22/-82% over -30 C to +85 C Z5U - +22/ -56% over +10C to +85C
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
Y5V Temperature Coefficient
Cap Catalog Part Number 0603 Size Code 50 Vdc 100 Vdc 200 Vdc Cap .22 uF .33 uF .47 uF .68 uF 1.0 uF 2.2 uF Catalog Part Number 1206 Size Code 50 Vdc C1206C224*8VAC C1206C334*8VAC C1206C474*8VAC C1206C684*8VAC C1206C105*8VAC C1206C225*8VAC 100 Vdc 200 Vdc C1206C224*4VAC C1206C224*3VAC C1206C334*4VAC C1206C334*3VAC C1206C474*4VAC C1206C474*3VAC C1206C684*4VAC C1206C684*3VAC C1206C105*4VAC C1206C105*3VAC C1206C225*4VAC
RoHS Compliant
22000 pF C0603C223*8VAC C0603C223*4VAC C0603C223*3VAC 27000 pF C0603C273*8VAC C0603C273*4VAC C0603C273*3VAC 33000 pF C0603C333*8VAC C0603C333*4VAC C0603C333*3VAC 39000 pF C0603C393*8VAC C0603C393*4VAC C0603C393*3VAC 47000 pF C0603C473*8VAC C0603C473*4VAC C0603C473*3VAC 56000 pF C0603C563*8VAC C0603C563*4VAC C0603C563*3VAC 68000 pF C0603C683*8VAC C0603C683*4VAC C0603C683*3VAC 82000 pF C0603C823*8VAC C0603C823*4VAC C0603C823*3VAC .1 uF .15 uF .22 uF C0603C104*8VAC C0603C104*4VAC C0603C104*3VAC C0603C154*8VAC C0603C154*4VAC C0603C154*3VAC C0603C224*8VAC C0603C224*4VAC C0603C224*3VAC
50 volt units can be used for 63 volt applications
Y5V Temperature Coefficient
Cap Catalog Part Number 0805 Size Code 10 Vdc 16 Vdc 25 Vdc 50 Vdc Cap Part Number 1210 Size Code 10 Vdc 16 Vdc
22000 pF C0805C223*8VAC C0805C223*4VAC C0805C223*3VAC C0805C223*5VAC 27000 pF C0805C273*8VAC C0805C273*4VAC C0805C273*3VAC C0805C273*5VAC 33000 pF C0805C333*8VAC C0805C333*4VAC C0805C333*3VAC C0805C333*5VAC 39000 pF C0805C393*8VAC C0805C393*4VAC C0805C393*3VAC C0805C393*5VAC 47000 pF C0805C473*8VAC C0805C473*4VAC C0805C473*3VAC C0805C473*5VAC 56000 pF C0805C563*8VAC C0805C563*4VAC C0805C563*3VAC C0805C563*5VAC 68000 pF C0805C683*8VAC C0805C683*4VAC C0805C683*3VAC C0805C683*5VAC 82000 pF C0805C823*8VAC C0805C823*4VAC C0805C823*3VAC C0805C823*5VAC .1 uF .15 uF .22 uF .33 uF .47 uF .68 uF 1.0 uF C0805C104*8VAC C0805C104*4VAC C0805C104*3VAC C0805C104*5VAC C0805C154*8VAC C0805C154*4VAC C0805C154*3VAC C0805C224*8VAC C0805C224*4VAC C0805C224*3VAC C0805C334*8VAC C0805C334*4VAC C0805C334*3VAC C0805C474*8VAC C0805C474*4VAC C0805C474*3VAC C0805C684*8VAC C0805C684*4VAC C0805C684*3VAC C0805C105*8VAC C0805C105*4VAC C0805C105*3VAC
.22 uF C1210C224*8VAC C1210C224*4VAC .33 uF C1210C334*8VAC C1210C334*4VAC .47 uF C1210C474*8VAC C1210C474*4VAC .68 uF C1210C684*8VAC C1210C684*4VAC 1.0 uF C1210C105*8VAC C1210C105*4VAC 2.2 uF C1210C225*8VAC C1210C225*4VAC 3.7 uF C1210C375*8VAC C1210C375*4VAC 4.7 uF C1210C475*8VAC C1210C475*4VAC
* Insert proper letter code for desired tolerance:
20% (M) is standard Z = +80% -0% All Y5V units are supplied 4,000 pcs per reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of C0402C2294GAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X